Part Number Hot Search : 
VP2410L PC160 1F216ER N3F20CA2 1616A BSP32 05SH3 218032P
Product Description
Full Text Search
 

To Download T520DXXXMXXXA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
CONDUCTIVE POLYMER CHIP CAPACITORS
T520 Series - KO Cap FEATURES
Polymer Cathode Technology Low ESR High Frequency Cap Retention No-Ignition Failure Mode Use Up to 90% of Rated Voltage (10% Derating) for part types 10 Volts * Halogen Free Epoxy * 100% Accelerated Steady State Aging * Volumetrically Efficient
* * * * *
OUTLINE DRAWING
CATHODE (-) END VIEW W SIDE VIEW ANODE (+) END VIEW BOTTOM VIEW
H K X S T G S
E A L
F
DIMENSIONS - MILLIMETERS
Case Size KEMET EIA A 3216-18 T 3528-12 B 3528-21 C 6032-28 U 6032-15 W 7343-15 V 7343-20 D 7343-31 Y 7343-40 X 7343-43 3.2 3.5 3.5 6.0 6.0 7.3 7.3 7.3 7.3 7.3 L 0.2 0.2 0.2 0.3 0.3 0.3 0.3 0.3 0.3 0.3 1.6 2.8 2.8 3.2 3.2 4.3 4.3 4.3 4.3 4.3 W 0.2 0.2 0.2 0.3 0.3 0.3 0.3 0.3 0.3 0.3 H 1.6 0.2 1.2 max 1.9 0.2 2.5 0.3 1.5 max 1.5 max 1.9 max 2.8 0.3 4.0 max 4.0 0.3 K 0.20 0.9 0.3 0.9 1.4 0.5 0.6 0.9 1.5 1.9 2.3 F 0.1 1.2 2.2 2.2 2.2 2.2 2.4 2.4 2.4 2.4 2.4 S 0.3 0.8 0.8 0.8 1.3 1.3 1.3 1.3 1.3 1.3 1.3 X(Ref) 0.10 0.10 0.05 0.10 0.10 0.10 0.10 0.05 0.05 0.05 0.10 0.10 0.10 0.10 0.10 0.10 T(Ref) 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 0.13 A(Min) 0.8 1.1 1.1 2.5 3.1 3.8 3.8 3.8 3.8 3.8 G(ref) 1.1 1.8 1.8 2.8 2.8 3.5 3.5 3.5 3.5 3.5 E(ref) 1.3 2.2 2.2 2.4 2.4 3.5 3.5 3.5 3.5 3.5
T520 ORDERING INFORMATION
T 520 V 157 M 006 A
Tantalum Series
T520 - Low ESR Polymer
S E015
ESR Lead Material
T - 100% Tin (Sn) Plated H - Tin/Lead (SnPb 5% Pb minimum) *S - Not recommended for new design
Case Size
A, T, B, C, V, W, D, Y, X
Failure Rate
A - Not Applicable
Capacitance Picofarad Code
First two digits represent significant figures. Third digit specifies number of zeros to follow.
Voltage Capacitance Tolerance
M = 20%
*See www.kemet.com for Pb Free transition information.
T520 SERIES CONSTRUCTION COMPONENT MARKING
KEMET Organic
KO
Polarity (+) Indicator Picofarad Code KEMET ID PWC
*100% Tin
157 Rated www..com 6K Voltage 512
512 = 12th week of 2005
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
49
Conductive Polymer Surface Mount
Use Up to 80% of Rated Voltage (20% Derating) for part types > 10 Volts * Capacitance 15 to 1000F (20%) * Voltage 2V to 25V * EIA Standard Case Sizes * 100% Surge Current Tested * Operating Temperature -55C to +105C * Self Healing Mechanism * RoHS Compiant & Leadfree Terminations (see www.kemet.com for lead transition)
*
www..com
CONDUCTIVE POLYMER CHIP CAPACITORS
T520 Series - KO Cap
T520 RATINGS & PART NUMBER REFERENCE
Capacitance F Case Size KEMET Part Number DC Leakage A @ 25C Max DF% @ 25C 120 Hz Max ESR m @ 25C 100 kHz Max Ripple Current Arms @ 100 kHz Max
w/T=20C @ -55C to 85C w/T= 2C @ 105C
470.0 47.0 56.0 68.0 68.0 100.0 100.0 100.0 220.0 220.0 220.0 220.0 220.0 220.0 220.0 220.0 220.0 220.0 220.0 220.0 330.0 330.0 330.0 330.0 330.0 330.0 330.0 330.0 330.0 330.0 330.0 470.0 470.0 470.0 470.0 470.0 470.0 680.0 680.0 680.0 680.0 680.0 1000.0 1000.0 1000.0 1000.0 1000.0 100.0 100.0 150.0 150.0 330.0 330.0 330.0 330.0 680.0 680.0 1000.0 1000.0 15.0 33.0 33.0 47.0 47.0 47.0 68.0 68.0 68.0 100.0 100.0 100.0 100.0 150.0 150.0 150.0 150.0 150.0 150.0 150.0 150.0 150.0 150.0 150.0 150.0
V A T A A T B B B B B C C V V V V V V D B B C C W V V V V V D V V V V D D D D D Y Y D Y Y Y X B B B B V V V V D D X X T A A A A T T B B B B B U B B B B C C V V V V V D
www..com
2 Volt Rating @ 105C T520V477M002A(1)E040 94 2.5 Volt Rating @ 105C T520A476M2R5A(1)E090 12 T520T566M2R5A(1)E070 14 T520A686M2R5A(1)E070 17 T520A686M2R5A(1)E080 17 T520T107M2R5A(1)E070 25 T520B107M2R5A(1)E040 25 T520B107M2R5A(1)E070 25 T520B227M2R5A(1)E030 55 T520B227M2R5A(1)E035 55 T520B227M2R5A(1)E070 55 T520C227M2R5A(1)E025 55 T520C227M2R5A(1)E045 55 T520V227M2R5A(1)E007 55 T520V227M2R5A(1)E009 55 T520V227M2R5A(1)E012 55 T520V227M2R5A(1)E015 55 T520V227M2R5A(1)E025 55 T520V227M2R5A(1)E045 55 T520D227M2R5A(1)E007 55 T520B337M2R5A(1)E045 83 T520B337M2R5A(1)E070 83 T520C337M2R5A(1)E025 83 T520C337M2R5A(1)E045 83 T520W337M2R5A(1)E040 83 T520V337M2R5A(1)E007 83 T520V337M2R5A(1)E009 83 T520V337M2R5A(1)E015 83 T520V337M2R5A(1)E025 83 T520V337M2R5A(1)E040 83 T520D337M2R5A(1)E007 83 T520V477M2R5A(1)E007 118 T520V477M2R5A(1)E009 118 T520V477M2R5A(1)E012 118 T520V477M2R5A(1)E015 118 T520D477M2R5A(1)E007 118 T520D477M2R5A(1)E009 118 T520D687M2R5A(1)E010 170 T520D687M2R5A(1)E015 170 T520D687M2R5A(1)E040 170 T520Y687M2R5A(1)E015 170 T520Y687M2R5A(1)E025 170 T520D108M2R5A(1)E030 250 T520Y108M2R5A(1)E010 250 T520Y108M2R5A(1)E015 250 T520Y108M2R5A(1)E025 250 T520X108M2R5A(1)E010 250 3 Volt Rating @ 105C T520B107M003A(1)E040 30 T520B107M003A(1)E070 30 T520B157M003A(1)E040 45 T520B157M003A(1)E070 45 T520V337M003A(1)E009 99 T520V337M003A(1)E012 99 T520V337M003A(1)E015 99 T520V337M003A(1)E025 99 T520D687M003A(1)E015 204 T520D687M003A(1)E040 204 T520X108M003A(1)E015 300 T520X108M003A(1)E030 300 4 Volt Rating @ 105C T520T156M004A(1)E100 6 T520A336M004A(1)E070 13 T520A336M004A(1)E080 13 T520A476M004A(1)E070 19 T520A476M004A(1)E080 19 T520T476M004A(1)E070 19 T520T686M004A(1)E070 27 T520B686M004A(1)E040 27 T520B686M004A(1)E070 27 T520B107M004A(1)E035 40 T520B107M004A(1)E040 40 T520B107M004A(1)E070 40 T520U107M004A(1)E055 40 T520B157M004A(1)E030 60 T520B157M004A(1)E035 60 T520B157M004A(1)E040 60 T520B157M004A(1)E070 60 T520C157M004A(1)E025 60 T520C157M004A(1)E045 60 T520V157M004A(1)E007 60 T520V157M004A(1)E009 60 T520V157M004A(1)E012 60 T520V157M004A(1)E015 60 T520V157M004A(1)E025 60 T520D157M004A(1)E007 60
10 8 8 8 8 8 8 8 8 8 8 8 8 10 10 10 10 10 10 10 8 8 8 8 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 8 8 8 8 10 10 10 10 10 10 10 10 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 10 10 10 10 10 10
40 90 70 70 80 70 40 70 30 35 70 25 45 7 9 12 15 25 45 7 45 70 25 45 40 7 9 15 25 40 7 7 9 12 15 7 9 10 15 40 15 25 30 10 15 25 10 40 70 40 70 9 12 15 25 15 40 15 30 100 70 80 70 80 70 70 40 70 35 40 70 55 30 35 40 70 25 45 7 9 12 15 25 7
1.8 0.9 1.0 1.0 1.0 1.0 1.5 1.1 1.7 1.6 1.1 2.1 1.6 4.2 3.7 3.2 2.9 2.2 1.7 4.6 1.4 1.1 2.1 1.6 1.7 4.2 3.7 2.9 2.2 1.8 4.6 4.2 3.7 3.2 2.9 4.6 4.1 3.9 3.2 1.9 3.3 2.5 2.2 4.0 3.3 2.5 4.1 1.5 1.1 1.5 1.1 3.7 3.2 2.9 2.2 3.2 1.9 3.3 2.3 0.8 1.0 1.0 1.0 1.0 1.0 1.0 1.5 1.1 1.6 1.5 1.1 1.3 1.7 1.6 1.5 1.1 2.1 1.6 4.2 3.7 3.2 2.9 2.2 4.6
0.6 0.3 0.3 0.3 0.3 0.3 0.5 0.3 0.5 0.5 0.3 0.7 0.5 1.3 1.2 1.0 0.9 0.7 0.5 1.5 0.4 0.3 0.7 0.5 0.5 1.3 1.2 0.9 0.7 0.6 1.5 1.3 1.2 1.0 0.9 1.5 1.3 1.2 1.0 0.6 1.0 0.8 0.7 1.3 1.0 0.8 1.3 0.5 0.3 0.5 0.3 1.2 1.0 0.9 0.7 1.0 0.6 1.0 0.7 0.3 0.3 0.3 0.3 0.3 0.3 0.3 0.5 0.3 0.5 0.5 0.3 0.4 0.5 0.5 0.5 0.3 0.7 0.5 1.3 1.2 1.0 0.9 0.7 1.5
(1) To complete KEMET Part Number, insert letter designation for lead material from page 49. Higher voltage ratings and tighter tolerance product may be substituted within the same size at KEMET'S option. Voltage substitutions will be marked with the higher voltage rating.
50
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
www..com
CONDUCTIVE POLYMER CHIP CAPACITORS
T520 Series - KO Cap
T520 RATINGS & PART NUMBER REFERENCE
Capacitance F Case Size KEMET Part Number DC Leakage A @ 25C Max DF% @ 25C 120 Hz Max ESR m @ 25C 100 kHz Max Ripple Current Arms @ 100 kHz Max
w/T=20C @ -55C to 85C w/T= 2C @ 105C
220.0 220.0 220.0 220.0 220.0 220.0 220.0 220.0 220.0 220.0 220.0 220.0 220.0 220.0 220.0 330.0 330.0 330.0 330.0 330.0 330.0 330.0 330.0 330.0 330.0 470.0 470.0 470.0 470.0 470.0 470.0 680.0 680.0 680.0 680.0 680.0 680.0 680.0 15.0 22.0 22.0 33.0 33.0 33.0 33.0 33.0 47.0 47.0 47.0 47.0 68.0 68.0 68.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 150.0 150.0 150.0 150.0 150.0 150.0 150.0 150.0 150.0 150.0 150.0 150.0 150.0 150.0 150.0 150.0 220.0 220.0 220.0 220.0 220.0 220.0 220.0 220.0 220.0 220.0 220.0
B B C C W V V V V V V V D D D V V V V V D D D D D D D D D D D D Y Y Y X X X T A A A A T B B T T B B B B U B B W V V V V C C D B B C C W V V V V V V V D D D D V V V V V V D D D D D
www..com
4 Volt Rating @ 105C T520B227M004A(1)E045 88 T520B227M004A(1)E070 88 T520C227M004A(1)E025 88 T520C227M004A(1)E045 88 T520W227M004A(1)E040 88 T520V227M004A(1)E007 88 T520V227M004A(1)E009 88 T520V227M004A(1)E012 88 T520V227M004A(1)E015 88 T520V227M004A(1)E025 88 T520V227M004A(1)E040 88 T520V227M004A(1)E045 88 T520D227M004A(1)E007 88 T520D227M004A(1)E012 88 T520D227M004A(1)E065 88 T520V337M004A(1)E007 132 T520V337M004A(1)E009 132 T520V337M004A(1)E012 132 T520V337M004A(1)E025 132 T520V337M004A(1)E040 132 T520D337M004A(1)E007 132 T520D337M004A(1)E009 132 T520D337M004A(1)E015 132 T520D337M004A(1)E040 132 T520D337M004A(1)E045 132 T520D477M004A(1)E010 188 T520D477M004A(1)E012 188 T520D477M004A(1)E015 188 T520D477M004A(1)E018 188 T520D477M004A(1)E025 188 T520D477M004A(1)E040 188 T520D687M004A(1)E025 272 T520Y687M004A(1)E010 272 T520Y687M004A(1)E015 272 T520Y687M004A(1)E025 272 T520X687M004A(1)E010 272 T520X687M004A(1)E015 272 T520X687M004A(1)E035 272 6.3 Volt Rating @ 105C T520T156M006A(1)E100 9.5 T520A226M006A(1)E090 14 T520A226M006A(1)E100 14 T520A336M006A(1)E070 21 T520A336M006A(1)E080 21 T520T336M006A(1)E070 21 T520B336M006A(1)E040 21 T520B336M006A(1)E070 21 T520T476M006A(1)E040 30 T520T476M006A(1)E070 30 T520B476M006A(1)E040 30 T520B476M006A(1)E070 30 T520B686M006A(1)E040 43 T520B686M006A(1)E070 43 T520U686M006A(1)E070 43 T520B107M006A(1)E040 63 T520B107M006A(1)E070 63 T520W107M006A(1)E040 63 T520V107M006A(1)E007 63 T520V107M006A(1)E009 63 T520V107M006A(1)E045 63 T520V107M006A(1)E012 63 T520C107M006A(1)E025 63 T520C107M006A(1)E045 63 T520D107M006A(1)E007 63 T520B157M006A(1)E045 95 T520B157M006A(1)E070 95 T520C157M006A(1)E025 95 T520C157M006A(1)E045 95 T520W157M006A(1)E040 95 T520V157M006A(1)E007 95 T520V157M006A(1)E009 95 T520V157M006A(1)E012 95 T520V157M006A(1)E015 95 T520V157M006A(1)E025 95 T520V157M006A(1)E040 95 T520V157M006A(1)E045 95 T520D157M006A(1)E007 95 T520D157M006A(1)E015 95 T520D157M006A(1)E025 95 T520D157M006A(1)E055 95 T520V227M006A(1)E007 139 T520V227M006A(1)E009 139 T520V227M006A(1)E012 139 T520V227M006A(1)E015 139 T520V227M006A(1)E025 139 T520V227M006A(1)E040 139 T520D227M006A(1)E007 139 T520D227M006A(1)E009 139 T520D227M006A(1)E015 139 T520D227M006A(1)E040 139 T520D227M006A(1)E050 139
8 8 8 8 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 8 10 10 10 10 10 8 8 10 8 8 8 8 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
45 70 25 45 40 7 9 12 15 25 40 45 7 12 65 7 9 12 25 40 7 9 15 40 45 10 12 15 18 25 40 25 10 15 25 10 15 35 100 90 100 70 80 70 40 70 40 70 40 70 40 40 55 40 70 40 7 9 45 12 25 45 7 45 70 25 45 40 7 9 12 15 25 40 45 7 15 25 55 7 9 12 15 25 40 7 9 15 40 50
1.4 1.1 2.1 1.6 1.7 4.2 3.7 3.2 2.9 2.2 1.8 1.7 4.6 3.5 1.5 4.2 3.7 3.2 2.2 1.8 4.6 4.1 3.2 1.9 1.8 3.9 3.5 3.2 2.9 2.4 1.9 2.4 4.0 3.3 2.5 4.1 3.3 2.2 0.8 0.9 0.9 1.0 1.0 0.9 1.5 1.1 1.3 1.0 1.5 1.1 1.5 1.5 1.3 1.5 1.1 1.7 4.2 3.7 1.7 3.2 2.1 1.6 4.6 1.4 1.1 2.1 1.6 1.7 4.2 3.7 3.2 2.9 2.2 1.8 1.7 4.6 3.2 2.4 1.7 4.2 3.7 3.2 2.9 2.2 1.8 4.6 4.1 3.2 1.9 1.7
0.4 0.3 0.7 0.5 0.5 1.3 1.2 1.0 0.9 0.7 0.6 0.5 1.5 1.1 0.5 1.3 1.2 1.0 0.7 0.6 1.5 1.3 1.0 0.6 0.6 1.2 1.1 1.0 0.9 0.8 0.6 0.8 1.3 1.0 0.8 1.3 1.0 0.7 0.3 0.3 0.3 0.3 0.3 0.4 0.5 0.3 0.4 0.3 0.5 0.3 0.5 0.5 0.4 0.5 0.3 0.5 1.3 1.2 0.5 1.0 0.7 0.5 1.5 0.4 0.3 0.7 0.5 0.5 1.3 1.2 1.0 0.9 0.7 0.6 0.5 1.5 1.0 0.8 0.5 1.3 1.2 1.0 0.9 0.7 0.6 1.5 1.3 1.0 0.6 0.5
(1) To complete KEMET Part Number, insert letter designation for lead material from page 49. Higher voltage ratings and tighter tolerance product may be substituted within the same size at KEMET'S option. Voltage substitutions will be marked with the higher voltage rating.
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
51
Conductive Polymer Surface Mount
www..com
CONDUCTIVE POLYMER CHIP CAPACITORS
T520 Series - KO Cap T520 RATINGS & PART NUMBER REFERENCE
Capacitance F Case Size KEMET Part Number DC Leakage A @ 25C Max DF% @ 25C 120 Hz Max ESR m @ 25C 100 kHz Max Ripple Current Arms @ 100 kHz Max
w/T=20C @ -55C to 85C w/T= 2C @ 105C
330.0 330.0 330.0 330.0 330.0 330.0 330.0 330.0 330.0 330.0 470.0 470.0 470.0 470.0 470.0 470.0 470.0 470.0 470.0 470.0 33.0 33.0 33.0 33.0 33.0 47.0 47.0 150.0 150.0 150.0 10.0 15.0 33.0 33.0 33.0 33.0 33.0 47.0 47.0 68.0 68.0 68.0 68.0 68.0 68.0 68.0 68.0 68.0 100.0 100.0 100.0 100.0 100.0 100.0 100.0 150.0 150.0 150.0 220.0 220.0 220.0 330.0 330.0 330.0 330.0 33.0 33.0 33.0 47.0 47.0 47.0 47.0 47.0 22.0 22.0
V V V D D D D D Y Y Y Y Y Y D D X X X X T T B B U B B D D D A A T T B B U B B W W C V V V V V D V V V V D D D D D D D D D Y X X X W V V W V V D D V V
www..com 15.0 V
15.0 15.0 D D
6.3 Volt Rating @ 105C T520V337M006A(1)E025 208 T520V337M006A(1)E040 208 T520V337M006A(1)E045 208 T520D337M006A(1)E010 208 T520D337M006A(1)E015 208 T520D337M006A(1)E025 208 T520D337M006A(1)E040 208 T520D337M006A(1)E045 208 T520Y337M006A(1)E015 208 T520Y337M006A(1)E025 208 T520Y477M006A(1)E010 296 T520Y477M006A(1)E015 296 T520Y477M006A(1)E018 296 T520Y477M006A(1)E025 296 T520D477M006A(1)E025 296 T520D477M006A(1)E030 296 T520X477M006A(1)E010 296 T520X477M006A(1)E018 296 T520X477M006A(1)E035 296 T520X477M006A(1)E040 296 8 Volt Rating @ 105C T520T336M008A(1)E070 26 T520T336M008A(1)E080 26 T520B336M008A(1)E040 26 T520B336M008A(1)E070 26 T520U336M008A(1)E070 26 T520B476M008A(1)E035 38 T520B476M008A(1)E070 38 T520D157M008A(1)E025 120 T520D157M008A(1)E040 120 T520D157M008A(1)E055 120 10 Volt Rating @ 105C T520A106M010A(1)E080 10 T520A156M010A(1)E080 15 T520T336M010A(1)E070 33 T520T336M010A(1)E080 33 T520B336M010A(1)E040 33 T520B336M010A(1)E070 33 T520U336M010A(1)E070 33 T520B476M010A(1)E035 47 T520B476M010A(1)E070 47 T520W686M010A(1)E025 68 T520W686M010A(1)E040 68 T520C686M010A(1)E045 68 T520V686M010A(1)E025 68 T520V686M010A(1)E040 68 T520V686M010A(1)E045 68 T520V686M010A(1)E060 68 T520V686M010A(1)E100 68 T520D686M010A(1)E100 68 T520V107M010A(1)E018 100 T520V107M010A(1)E025 100 T520V107M010A(1)E045 100 T520V107M010A(1)E050 100 T520D107M010A(1)E018 100 T520D107M010A(1)E055 100 T520D107M010A(1)E080 100 T520D157M010A(1)E025 150 T520D157M010A(1)E040 150 T520D157M010A(1)E055 150 T520D227M010A(1)E018 220 T520D227M010A(1)E025 220 T520D227M010A(1)E040 220 T520Y337M010A(1)E015 330 T520X337M010A(1)E010 330 T520X337M010A(1)E025 330 T520X337M010A(1)E040 330 16 Volt Rating @ 105C T520W336M016A(1)E045 53 T520V336M016A(1)E045 53 T520V336M016A(1)E060 53 T520W476M016A(1)E045 75 T520V476M016A(1)E045 75 T520V476M016A(1)E070 76 T520D476M016A(1)E035 75 T520D476M016A(1)E070 75 20 Volt Rating @ 105C T520V226M020A(1)E040 44 T520V226M020A(1)E090 44 25 Volt Rating @ 105C T520V156M025A(1)E090 38 T520D156M025A(1)E060 38 T520D156M025A(1)E080 38
10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 8 8 8 8 8 8 8 10 10 10 8 8 8 8 8 8 8 8 8 10 10 8 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10
25 40 45 10 15 25 40 45 15 25 10 15 18 25 25 30 10 18 35 40 70 80 40 70 70 35 70 25 40 55 80 80 70 80 40 70 70 35 70 25 40 45 25 40 45 60 100 100 18 25 45 50 18 55 80 25 40 55 18 25 40 15 10 25 40 60 45 60 45 45 70 35 70 40 90 90 60 80
2.2 1.8 1.7 3.9 3.2 2.4 1.9 1.8 3.3 2.5 4.0 3.3 3.0 2.5 2.4 2.2 4.1 3.0 2.2 2.0 1.0 0.9 1.5 1.1 1.1 1.6 1.1 2.4 1.9 1.7 1.0 1.0 1.0 0.9 1.5 1.1 1.1 1.6 1.1 2.2 1.7 1.6 2.2 1.8 1.7 1.4 1.1 1.2 2.6 2.2 1.7 1.6 2.9 1.7 1.4 2.4 1.9 1.7 2.9 2.4 1.9 3.3 4.1 2.6 2.0 1.6 1.7 1.4 1.6 1.7 1.3 2.1 1.5 1.8 1.2 1.2 1.6 1.4
0.7 0.6 0.5 1.2 1.0 0.8 0.6 0.6 1.0 0.8 1.3 1.0 0.9 0.8 0.8 0.7 1.3 1.0 0.7 0.6 0.3 0.3 0.5 0.3 0.4 0.5 0.3 0.8 0.6 0.5 0.3 0.3 0.3 0.3 0.5 0.3 0.4 0.5 0.3 0.7 0.5 0.5 0.7 0.6 0.5 0.5 0.4 0.4 0.8 0.7 0.5 0.5 0.9 0.5 0.4 0.8 0.6 0.5 0.9 0.8 0.6 1.0 1.3 0.8 0.6 0.5 0.5 0.5 0.5 0.5 0.4 0.7 0.5 0.6 0.4 0.4 0.5 0.4
(1) To complete KEMET Part Number, insert letter designation for lead material from page 49. Higher voltage ratings and tighter tolerance product may be substituted within the same size at KEMET'S option. Voltage substitutions will be marked with the higher voltage rating.
52
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
www..com
TANTALUM AND ALUMINUM CHIP CAPACITORS
Packaging Information
Tape & Reel Packaging
KEMET's Molded Tantalum and Aluminum Chip Capacitor families are packaged in 8 mm and 12 mm plastic tape on 7" and 13" reels, in accordance with EIA Standard 481-1: Taping of Surface Mount Components for Automatic Handling. This packaging system is compatible with all tape fed automatic pick and place systems.
Right Hand Orientation Only
Embossed Carrier
(+)
(-)
Embossment
Top Tape Thickness .10mm (.004") Max Thickness
8mm .30 8mm (0.315") (.315 .012") or or 12mm (0.472") 12mm .30 (.472 .012")
178mm (7.00") 180mm (7.0") oror 330mm (13.00") 330mm (13.0")
Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. Refer to EIA-556.
QUANTITIES PACKAGED PER REEL
Case Code KEMET EIA R 2012-12 S 3216-12 T 3528-12 U 6032-15 W 7343-15 V 7343-20 A 3216-18 B 3528-21 C 6032-28 D www..com 7343-31 Y 7343-40 X 7343-43 E 7260-38 Tape Width-mm 8 8 8 12 12 12 8 8 12 12 12 12 12 7" Reel* 2,500 2,500 2,500 1,000 1,000 1,000 2,000 2,000 500 500 500 500 500 13" Reel* 10,000 10,000 10,000 5,000 3,000 3,000 9,000 8,000 3,000 2,500 2,000 2,000 2,000
* No c-spec required for 7" reel packaging. C-7280 required for 13" reel packaging.
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
91
Packaging
www..com
TANTALUM, CERAMIC AND ALUMINUM CHIP CAPACITORS
Packaging Information
Performance Notes
1. Cover Tape Break Force: 1.0 Kg Minimum. 2. Cover Tape Peel Strength: The total peel strength of the cover tape from the carrier tape shall be: Tape Width Peel Strength 8 mm 0.1 Newton to 1.0 Newton (10g to 100g) 12 mm 0.1 Newton to 1.3 Newton (10g to 130g) The direction of the pull shall be opposite the direction of the carrier tape travel. The pull angle of the carrier tape shall be 165 to 180 from the plane of the carrier tape. During peeling, the carrier and/or cover tape shall be pulled at a velocity of 300 10 mm/minute. 3. Reel Sizes: Molded tantalum capacitors are available on either 180 mm (7") reels (standard) or 330 mm (13") reels (with C-7280). Note that 13" reels are preferred. 4. Labeling: Bar code labeling (standard or custom) shall be on the side of the reel opposite the sprocket holes. Refer to EIA-556.
Embossed Carrier Tape Configuration: Figure 1
Table 1 -- EMBOSSED TAPE DIMENSIONS (Metric will govern) Constant Dimensions -- Millimeters (Inches)
Tape Size 8 mm and 12 mm D0 E P0 4.0 0.10 (0.157 0.004) P2 2.0 0.05 (0.079 0.002) T Max 0.600 (0.024) T1 Max 0.100 (0.004) 1.5 1.75 0.10 +0.10 -0.0 (0.059 (0.069 0.004) +0.004, -0.0) Pitch Single (4 mm) B1 Max. Note 1 4.4 (0.173) 12 mm Double (8 mm) 8.2 (0.323) D1 Min. Note 2 1.0
Variable Dimensions -- Millimeters (Inches)
Tape Size 8 mm F 3.5 0.05 P1 4.0 0.10 R Min. Note 3 25.0 T2 Max 2.5 (0.098) W 8.0 0.30 (.315 0.012) A0B0K0 Note 4
(0.039) (0.138 0.002) 1.5 5.5 0.05 (0.059) (0.217 0.002)
(0.157 0.004) (0.984) 8.0 0.10 30.0 (0.315 0.004) (1.181)
4.6 12.0 0.30 (0.181) (0.472 0.012)
NOTES
1. B1 dimension is a reference dimension for tape feeder clearance only. 2. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of embossment location and hole location shall be applied independent of each other. 3. Tape with components shall pass around radius "R" without damage (see sketch A). The minimum trailer length (Fig. 2) may require additional length to provide R min. for 12 mm embossed tape for reels with hub diameters approaching N min. (Table 2) 4. The cavity defined by A0, B0, and K0 shall be configured to surround the part with sufficient clearance such that the chip does not protrude beyond the sealing plane of the cover tape, the chip can be removed from the cavity in a vertical direction without mechanical restriction, rotation of the chip is limited to 20 degrees maximum in all 3 planes, and lateral movement of the chip is restricted to 0.5 mm maximum in the pocket (not applicable to vertical clearance.)
www..com
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
93
Packaging
www..com
TANTALUM, CERAMIC AND ALUMINUM CHIP CAPACITORS
Packaging Information Embossed Carrier Tape Configuration (cont.)
20
Sketch D: Tape Camber (Top View)
1mm (0.039) Max.
1mm (0.039) Max.
250mm (9.843) Allowable camber to be 1 mm/250 mm.
400mm (15.75) Min.
Figure 2: Tape Leader & Trailer Dimensions (Metric Dimensions Will Govern)
Figure 3: Reel Dimensions (Metric Dimensions will govern)
Table 2 - REEL DIMENSIONS (Metric will govern)
Tape Size 8 mm A Max 330.0 (12.992) B* Min 1.5 (0.059) C 13.0 0.20 (0.512 0.008) D* Min 20.2 (0.795) N Min 50.0 (1.969) See Note 3 Table 1 W1 8.4 +1.5, -0.0 (0.331 +0.059, -0.0) 12.4 +2.0, -0.0 (0.488 +0.078, -0.0) W2 Max 14.4 (0.567) W3 7.9 Min (0.311) 10.9 Max (0.429) 11.9 Min (0.469) 15.4 Max (0.606)
www..com
12 mm 330.0 (12.992)
1.5 (0.059)
13.0 0.20 (0.512 0.008)
20.2 (0.795)
18.4 (0.724)
94
(c)KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300


▲Up To Search▲   

 
Price & Availability of T520DXXXMXXXA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X